PART |
Description |
Maker |
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MAX17440908 MAX1744EUB/V MAX1745EUB MAX1744AUB |
High-Voltage, Step-Down DC-DC Controllers in 渭MAX High-Voltage, Step-Down DC-DC Controllers in μMAX High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
R1221N16AH-TR R1221N15AH-TR R1221N17AH-TR R1221N18 |
High Power Chip - HPC 12 2 1% B Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Voltage-Mode SMPS Controller 电压模式开关电源控制器 Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 降压直流/直流电压检测器 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6
|
Ricoh Co., Ltd. http:// RICOH electronics devices division
|
LM2575-5 LM2575-D |
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator Easy Switchertm 1.0 a Step-down Voltage Regulator
|
ON Semiconductor ONSEMI
|
ISL6548 ISL6548CRZ ISL6548CRZ-T ISL6548CRZA-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
MAX1733EUKT |
Low-Voltage, Step-Down DC-DC Converters in SOT23 0.565 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO5
|
Maxim Integrated Products, Inc.
|
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
RN5RK301B-TL RN5RK302A-TL RN5RK301A RN5RK301A-TR R |
SOT-23-5 VFM STEP-UP DC/DC CONVERTER 采用SOT - 23 - 5 VFM的升压型DC / DC变换 SOT-23-5 VFM STEP-UP DC/DC CONVERTER 0.5 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 SOT-23-5 VFM STEP-UP DC/DC CONVERTER SWITCHING CONTROLLER, PDSO5 Power Management ICs 电源管理IC IC LOGIC 3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER 5V -40 85C QSOP-28 49/TUBE
|
Ricoh Co., Ltd. Electronic Theatre Controls, Inc. RICOH COMPANY LTD
|
MAX1636EAPT |
Low-Voltage, Precision Step-Down Controller for Portable CPU Power 1 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO20
|
Maxim Integrated Products, Inc.
|
N2576G |
Step-Down Switching Voltage Regulator
|
Niko
|